Part Number Hot Search : 
30KW258A 5236B 30KW258A STUN06I 23L645 3040C SSD30N02 HN3C18F
Product Description
Full Text Search
 

To Download TA053-059-35-33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TA053-059-35-33
REV1_20040412
5.3 - 5.9 GHz 2W Amplifier
FEATURES * P-1 dB: 33 dBm * Noise Figure: 4.5 dB * IP3: 41 dBm * Bias Condition: 1200 mA @ 12 V * Small Signal Gain: 35 dB DESCRIPTION The TA053-059-35-33 is a 2 W power amplifier designed for high linearity applications in the 5.3 to 5.9 GHz frequency range. This amplifier utilizes high power devices that provide excellent linearity, high gain and wide dynamic range. High efficiency operation is achieved by using hybrid MIC designs and advanced GaAs PHEMT devices. The amplifier requires only a +12V DC power supply. ELECTRICAL SPECIFICATIONS at 25 C
Symbol FREQ SSG GOF P-1 dB IP3 NF VSWR, IN VSWR, OUT Vdc Idc OTR Description Frequency Range Small Signal Gain Small Signal Gain Flatness Output Power at 1 dB Gain Compression Third Order Intercept Point Noise Figure Input VSWR Output VSWR DC Supply Voltage (with built-in regulator) Current Supply Operating Temperature Range Min. 5.3 35* 32.5 41 Typ. 0.5 33 42 4.5 1.5:1 1.5:1 12 1.2 Max. 5.9 0.75 5 1.7:1 1.7:1 1.3 60 Unit GHz dB dB dBm dBm dB Volt A C
-30
* Actual gain and current depend on configuration. CASE: HA1 Note: The previous product part number of TA053-059-35-33 is TC5561I.
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P1/1


▲Up To Search▲   

 
Price & Availability of TA053-059-35-33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X